Part Number Hot Search : 
280HZ GBJL1501 24N60M2 2222K TA7376P XM1316 BD2224G TDA5210
Product Description
Full Text Search
 

To Download MIP2E4D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD
I
IPD (MIP022X) IPD PWM 60 W IPD
I
G ( 12 V/3 A : 100 VAC : 100 VAC (MIP022X) : 1/20) ; 70 mW, ; 70 , 264 VAC 264 VAC ; 130 mW ; 60
G
0.3 W IPD MIP022X
G
I
MOS FET VDSS MIP2E1D MIP2E2D MIP2E3D MIP2E4D MIP2E5D MIP2E7D 7W 10 W 10 W 20 W 15 W 30 W 20 W 40 W 40 W 60 W 700 V ILIMIT 0.4 A 0.5 A 1.0 A 1.5 A 2.0 A 3.0 A 100 kHz TO-220-A1 fOSC TO-220-A1/ DIP8-A1(CF) MIP0222 MIP0223 MIP0224 MIP0225 MIP0227 IPD
I
R3 33 0.5W C6 390 pF 500 V L2 10 H 4A 12 V/3 A D2 200 V, 5 A COUT1 470 F 25 V PC1 CT 47 F D1 IC1 MIP2E C2 0.1 F R1 6.2 C3 1 F C4 C5 2200 pF 2200 pF 250 VAC 250 VAC T1 PC CNC1S101 (ON3131) IC AN1431 R5 2.2 k COUT2 180 F 25 V RETURN
D2 LINE L1 10 mH 1A
CSB 0.0 1F 630 V DSB
RSB 100 k 2W
R4 47
R7 39 k
CIN BR1 120 F 600 V 400 V 1.5 A
R6 10 k C7 0.1F
NTRL
C1 0.1 F 250 VAC
R2 6.2
R8 10 k
617-8520
M00372CJ
TEL
(075) 951-8151 (
)
http://www.panasonic.co.jp/semicon/
I
(
vs PO
100
12 V/3 A
)
Pin vs PO
3
80
2.5
2
Pin (W)
60
(%)
40
MIP2E5D MIP2E5D MIP0225 ( MIP0225 (
100 V 264 V ) 100 V ) 264 V
1.5 MIP2E5D MIP2E5D MIP0225 ( MIP0225 ( 100 V 264 V ) 100 V ) 264 V
1
2
0.5
0 0 5 10 15 20 25 30 35 40
0 0 0.5 1 1.5 2 2.5 3
PO (W)
PO (W)
MIP2E5D 100 VAC 0.3 W 30 W 264 VAC 0.3 W 30 W 69.8 83.1 60.0 84.3
(%) MIP0225( 42.9 83.8 24.6 84.0
MIP2E5D 0.07 0.43 36.1 0.12 0.5 35.6
(W) MIP0225( 0.35 0.7 35.8 1.08 1.22 35.7
I
(
: mm)
* TO-220-A1
* DIP8-A1(CF)
0.25 -0.05
+0.10
2.80.2 1.50.2
9.40.3 8 7 5
10.50.5 9.50.2 8.00.2
6.70.3
4.50.2 1.40.1
7.620.25
6.30.2
15.40.3
3.70.2
1
2
3
4
3 to 15
2.540.25 3.40.3 3.800.25
1.40.1
13.50.5 4.20.3 Solder Dip (9.3)
2.50.2 0.6+0.1 -0.2
0.80.1
0.6+0.25 -0.10
2.540.3 5.080.5
0.50.1 1.20.25 (2,3,7PIN)
0.40.1 0.60.1 (1,4,5,8PIN)
123
1, 2, 3, 7, 8 : Source 4 : Control 5 : Drain
1 : Control 2 : Source 3 : Drain
2.80.2


▲Up To Search▲   

 
Price & Availability of MIP2E4D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X